PART |
Description |
Maker |
CY7C0240411 CY7C025-55JXC CY7C025-55JXI CY7C025 CY |
4K x 18 Dual-PortStatic RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 18 双端口静RAM) 4K的18双PortStatic RAM的扫描电镜,廉政,忙(带扫描电镜,廉政,忙输入端的的4K的18双端口静态RAM)的 8K x 18 Dual-Port Static RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 18 双端口静RAM) 4K x 16 Dual-Port Static RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 16 双端口静RAM) 8K x 16 Dual-PortStatic RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 16 双端口静RAM) 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
|
Cypress Semiconductor Corp.
|
M74HC42 M74HC42RM13TR M74HC42TTR M74HC42B1R M74HC4 |
12-Bit DAC Parallel Voltage Out Pgrmable Int Ref Settling Time, Pwr Consumption, 8-bit uC Comp Int 20-SOIC -40 to 85 BCD TO DECIMAL DECODER
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
CY7C016-25AI CY7C006-35AI CY7C006-55AC CY7C006-55A |
16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 8 DUAL-PORT SRAM, 25 ns, PQCC68 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 8 DUAL-PORT SRAM, 35 ns, PQCC68 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 16K x 9 Dual-Port Static RAM with Sem, Int, Busy( 带Sem, Int, Busyy输入端的16K x 9位双端口静态RAM) 16K x 8 Dual-Port Static RAM with Sem, Int, Busy(带SemIntBusy双端口静态RAM) From old datasheet system
|
http:// Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
GA400TD60U |
600V UltraFast 10-30 kHz Half-Bridge IGBT in a Dual INT-A-Pak package HALF-BRIDGE IGBT DUAL INT-A-PAK Ultra-FastTM Speed IGBT
|
IRF[International Rectifier]
|
M74HC4094TTR M74HC4094 M74HC4094B1R M74HC4094M1R M |
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE) 8 BIT SIPO SHIFT LATCH REGISTER (3-STATE) 12-Bit DAC Parallel Voltage Out Pgrmable Int Ref Settling Time, Pwr Consumption, 8-bit uC Comp Int 20-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IRKTF72-12HKN IRKTF71-12HJ IRKTF71-12HJN IRKTF71-1 |
FAST THYRISTOR/DIODE and THYRISTOR/THYRISTOR 快速晶闸管/二极管和晶闸晶闸 800V Doubler Circuit Positive Control Inverter Thyristor/Thyristor in a INT-A-Pak package 1200V Doubler Circuit Positive Control Inverter Thyristor/Thyristor in a INT-A-Pak package 1200V Doubler Circuit Negative Control Inverter Thyristor/Diode in a INT-A-Pak package 1200V Doubler Circuit Positive Control Inverter Thyristor/Diode in a INT-A-Pak package 600V Doubler Circuit Positive Control Inverter Thyristor/Thyristor in a INT-A-Pak package 600V Doubler Circuit Negative Control Inverter Thyristor/Diode in a INT-A-Pak package 800V Doubler Circuit Positive Control Inverter Thyristor/Diode in a INT-A-Pak package
|
International Rectifier, Corp. IRF[International Rectifier] http://
|
LXT975A LXT974 LXT975BHC |
DATACOM, ETHERNET TRANSCEIVER, PQFP160 Fast Ethernet 10/100 Quad Transceivers
|
CORTINA SYSTEMS INC Intel Corp.
|
0853-2X4R-66 |
INTEGRATED CONNECTOR MODULES Power over Ethernet MagJack 2 x 4 DATACOM TRANSFORMER FOR ETHERNET APPLICATION(S)
|
Bel Fuse, Inc.
|
0833-2X8R-59 |
INTEGRATED CONNECTOR MODULES Power over Ethernet MagJack 2 x 8 DATACOM TRANSFORMER FOR ETHERNET APPLICATION(S)
|
Bel Fuse, Inc. Bel Fuse Inc.
|
NEURON6050 |
IP Processor for IzoTTM Enabled Devices
|
List of Unclassifed Man...
|
CY8C20066A-24LTXI CY8C20336H-24LQXI CY8C20446H-24L |
Haptics Enabled CapSense? Controller
|
Cypress Semiconductor
|